Part Number Hot Search : 
MT8815 GP2021 2SK19 CAV93C86 VHC132 MICS06 NJU3401 7805A
Product Description
Full Text Search
 

To Download IPP040N06N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  type IPP040N06N opti mos tm power-transistor features ? optimized for high performance smps, e.g. sync. rec. ? 100% avalanche tested ? superior thermal resistance ? n-channel ? qualified according to jedec 1) for target applications ? pb-free lead plating; rohs compliant ? halogen-free according to iec61249-2-21 maximum ratings, at t j =25 c, unless otherwise specified parameter symbol conditions unit continuous drain current i d v gs =10 v, t c =25?c 80 a v gs =10 v, t c =100?c 80 v gs =10 v, t c =25?c, r thja =50k/w 20 pulsed drain current 2) i d,pulse t c =25?c 320 avalanche energy, single pulse 3) e as i d =80?a, r gs =25? w 70 mj gate source voltage v gs 20 v 3) see figure 13 for more detailed information value 1) j-std20 and jesd22 4) device on 40 mm x 40 mm x 1.5 mm epoxy pcb fr4 with 6 cm 2 (one layer, 70 m thick) copper area for drain connection. pcb is vertical in still air. 2) see figure 3 for more detailed information v ds 60 v r ds(on),max 4.0 m w i d 80 a q oss 44 nc q g (0v..10v) 38 nc product summary type package marking IPP040N06N pg - to220 - 3 040n06n pg - to220 - 3 rev.2.2 page 1 2012-12-20
IPP040N06N maximum ratings, at t j =25 c, unless otherwise specified parameter symbol conditions unit power dissipation p tot t c =25?c 107 w t a =25 c, r thja =50?k/w 3.0 operating and storage temperature t j , t stg -55 ... 175 c iec climatic category; din iec 68-1 55/175/56 parameter symbol conditions unit min. typ. max. thermal characteristics thermal resistance, junction - case r thjc - - 1.4 k/w device on pcb r thja minimal footprint - - 62 6 cm2 cooling area 4) - - 40 electrical characteristics, at t j =25 c, unless otherwise specified static characteristics drain-source breakdown voltage v (br)dss v gs =0?v, i d =1?ma 60 - - v gate threshold voltage v gs(th) v ds = v gs , i d =50?a 2.1 2.8 3.3 zero gate voltage drain current i dss v ds =60?v, v gs =0?v, t j =25?c - 0.5 1 a v ds =60?v, v gs =0?v, t j =125?c - 10 100 gate-source leakage current i gss v gs =20?v, v ds =0?v - 10 100 na r ds(on) v gs =10?v, i d =80?a - 3.6 4.0 m w v gs =6?v, i d =20?a - 4.7 6.0 gate resistance r g - 1.3 1.95 w transconductance g fs | v ds |>2| i d | r ds(on)max , i d =80?a 60 120 - s value values drain-source on-state resistance rev.2.2 page 2 2012-12-20
IPP040N06N parameter symbol conditions unit min. typ. max. dynamic characteristics input capacitance c iss - 2700 3375 pf output capacitance c oss - 670 838 reverse transfer capacitance c rss - 28 56 turn-on delay time t d(on) - 19 - ns rise time t r - 16 - turn-off delay time t d(off) - 30 - fall time t f - 9 - gate charge characteristics 5) gate to source charge q gs - 13 - nc gate charge at threshold q g(th) - 8 - gate to drain charge q gd - 7 9 switching charge q sw - 13 - gate charge total q g - 38 44 gate plateau voltage v plateau - 4.9 - v gate charge total, sync. fet q g(sync) v ds =0.1?v, v gs =0?to?10?v - 33 - nc output charge q oss v dd =30?v, v gs =0?v - 44 - reverse diode diode continuous forward current i s - - 80 a diode pulse current i s,pulse - - 320 diode forward voltage v sd v gs =0?v, i f =80?a, t j =25?c - 1.0 1.2 v reverse recovery time t rr - 34 54 ns reverse recovery charge q rr - 34 - nc 5) see figure 16 for gate charge parameter definition v r =30?v, i f =80 a, d i f /d t =100?a/s t c =25?c values v gs =0?v, v ds =30?v, f =1?mhz v dd =30?v, v gs =10?v, i d =80?a, r g,ext =3? w v dd =30?v, i d =80?a, v gs =0?to?10?v rev.2.2 page 3 2012-12-20
IPP040N06N 1 power dissipation 2 drain current p tot =f( t c ) i d =f( t c ); v gs 10 v 3 safe operating area 4 max. transient thermal impedance i d =f( v ds ); t c =25 c; d =0 z thjc =f( t p ) parameter: t p parameter: d = t p / t 1 s 10 s 100 s 1 ms 10 ms dc 10 - 1 10 0 10 1 10 2 10 - 1 10 0 10 1 10 2 10 3 i d [a] v ds [v] limited by on - state resistance single pulse 0.01 0.02 0.05 0.1 0.2 0.5 10 - 5 10 - 4 10 - 3 10 - 2 10 - 1 1 10 - 2 10 - 1 1 10 z thjc [k/w] t p [s] 0 20 40 60 80 100 120 0 25 50 75 100 125 150 175 p tot [w] t c [ c] 0 20 40 60 80 100 0 25 50 75 100 125 150 175 200 i d [a] t c [ c] rev.2.2 page 4 2012-12-20
IPP040N06N 5 typ. output characteristics 6 typ. drain-source on resistance i d =f( v ds ); t j =25 c r ds(on) =f( i d ); t j =25 c parameter: v gs parameter: v gs 7 typ. transfer characteristics 8 typ. forward transconductance i d =f( v gs ); | v ds |>2| i d | r ds(on)max g fs =f( i d ); t j =25 c parameter: t j 5 v 5.5 v 6 v 7 v 10 v 0 1 2 3 4 5 6 7 8 0 80 160 240 320 r ds(on) [m w ] i d [a] 25 c 175 c 0 40 80 120 160 200 240 280 320 0 2 4 6 8 i d [a] v gs [v] 0 50 100 150 0 20 40 60 80 g fs [s] i d [a] 5 v 5.5 v 6 v 7 v 10 v 0 40 80 120 160 200 240 280 320 0.0 0.5 1.0 1.5 2.0 2.5 3.0 i d [a] v ds [v] rev.2.2 page 5 2012-12-20
IPP040N06N 9 drain-source on-state resistance 10 typ. gate threshold voltage r ds(on) =f( t j ); i d =80 a; v gs =10 v v gs(th) =f( t j ); v gs = v ds 11 typ. capacitances 12 forward characteristics of reverse diode c =f( v ds ); v gs =0 v; f =1 mhz i f =f( v sd ) parameter: t j typ max 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 - 60 - 20 20 60 100 140 180 r ds(on) [m w ] t j [ c] 50 a 500 m a 0 1 2 3 4 5 - 60 - 20 20 60 100 140 180 v gs(th) [v] t j [ c] ciss coss crss 10 1 10 2 10 3 10 4 10 100 1000 10000 0 20 40 60 c [pf] v ds [v] 25 c 175 c 10 0 10 1 10 2 10 3 0 0.5 1 1.5 2 i f [a] v sd [v] rev.2.2 page 6 2012-12-20
IPP040N06N 13 avalanche characteristics 14 typ. gate charge i as =f( t av ); r gs =25 w v gs =f( q gate ); i d =80 a pulsed parameter: t j(start) parameter: v dd 15 drain-source breakdown voltage 16 gate charge waveforms v br(dss) =f( t j ); i d =1 ma 50 54 58 62 66 70 - 60 - 20 20 60 100 140 180 v br(dss) [v] t j [ c] 12 v 30 v 48 v 0 2 4 6 8 10 12 0 10 20 30 40 50 v gs [v] q gate [nc] 25 c 100 c 125 c 1 10 100 1 10 100 1000 i av [a] t av [s] rev.2.2 page 7 2012-12-20 v gs q gate v gs(th) q g(th) q gs q gd q sw q g
IPP040N06N package outline pg-to220-3 rev.2.2 page 8 2012-12-20
IPP040N06N published by infineon technologies ag 81726 munich, germany ? 2011 infineon technologies ag all rights reserved. legal disclaimer the information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. with respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. information for further information on technology, delivery terms and conditions and prices, please contact the nearest infineon technologies office (www.infineon.com). warnings due to technical requirements, components may contain dangerous substances. for information on the types in question, please contact the nearest infineon technologies office. infineon technologies components may be used in life-support devices or systems only with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered. rev.2.2 page 9 2012-12-20


▲Up To Search▲   

 
Price & Availability of IPP040N06N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X